ATS-07F-77-C3-R0
AI

The **ATS-07F-77-C3-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed specifically for cooling electronic components like CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Length/Width** | 25.00mm x 25.00mm |
| **Height** | 20.00mm |
| **Material** | Aluminum (Anodized Blue) |
| **Thermal Resistance** | 9.58°C/W @ 200 LFM |
| **Attachment Method** | pushPIN™ |
| **Fin Style** | Tapered (maxiFLOW™) |
| **Fin Pitch** | Coarse |
---
### 2. Key Electronic & Mechanical Design Features
* **maxiFLOW™ Fin Geometry:**
The tapered fin design increases the surface area while reducing pressure drop. This allows for maximum heat dissipation when used with forced air (fans).
* **Thermal Interface Material (TIM):**
The "C3" in the part number indicates it comes pre-applied with **T766 phase-change material** or a high-performance thermal pad. This ensures minimal thermal resistance between the component surface and the heat sink.
* **pushPIN™ Attachment:**
This part uses a spring-loaded push-pin mechanism. This provides:
1. **Consistent Pressure:** Ensures the heat sink is pressed firmly against the chip.
2. **Vibration Resistance:** Ideal for industrial or mobile electronics.
3. **Ease of Assembly:** Quick installation via pre-drilled holes in the PCB.
---
### 3. Application Use Cases
This specific model is typically used for small-form-factor electronics requiring high thermal efficiency in a compact 25mm footprint:
* **Network Switches/Routers:** Cooling ASICs and high-speed processors.
* **Power Supplies:** Heat dissipation for MOSFETs and power regulators.
* **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high.
---
- ⤷
How does the 'pushPIN' mounting system differ from standard adhesive mounting?
- ⤷ What are the advantages of the 'Blue Anodized' finish on this heat sink?
- ⤷ Can this heat sink be used for passive cooling without a fan?