ATS-07F-86-C1-R0
AI

The **ATS-07F-86-C1-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" heat sink series designed for high-performance cooling of integrated circuits (ICs).
---
## 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Here is the breakdown:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Material** | Aluminum (typically 6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 35mm x 35mm |
| **Height** | 15mm |
| **Attachment Method** | Push Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | ~3.0°C/W (at 200 LFM) |
---
## 2. Key Features
* **XC (Extra Coarse) Fin Design:** The "86" series typically features a straight-fin design that provides a large surface area for heat dissipation while maintaining a low pressure drop.
* **Push Pin Attachment:** It utilizes a tool-free mounting system. The plastic push pins expand into pre-drilled holes on the PCB (Printed Circuit Board), while a spring provides the necessary downward pressure for thermal contact.
* **Pre-applied Thermal Interface Material (TIM):** Most "C1" variants come with a pre-applied high-performance thermal pad or grease (such as Phase Change Material) on the base.
---
## 3. Applications
This part is commonly used in the following electronic environments:
1. **Networking Hardware:** Switches, routers, and high-speed modems.
2. **Industrial Computing:** Embedded systems where airflows are controlled.
3. **Power Supplies:** Cooling voltage regulators or power transistors.
4. **Processors:** Cooling small CPUs, FPGAs, or ASICs on densely packed boards.
---
## 4. Visual/Mechanical Diagram
```text
[ FINS ] <-- Heat Dissipation Area
==============
[ BASE PLATE ] <-- Contacts the IC
| |
[PIN] [PIN] <-- Push pins lock into PCB holes
```
- ⤷
What is the hole diameter required on the PCB for this heat sink?
- ⤷ How does the thermal resistance change if I use a higher velocity fan?
- ⤷ Is this heat sink compatible with standard 35mm x 35mm BGA packages?