ATS-07F-92-C1-R0
AI

The **ATS-07F-92-C1-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **pushPIN™** series of high-performance heat sinks.
---
## 1. Technical Specifications
The following table outlines the mechanical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink (Passive Cooling) |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Type** | Straight Fin |
| **Thermal Resistance** | 16.40 °C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Finish** | Blue Anodized |
---
## 2. Key Component Details
### A. Material and Design
* **Aluminum 6063:** This alloy is chosen for its excellent thermal conductivity and structural integrity.
* **Straight Fin Geometry:** This design is optimized for environments where there is a consistent flow of air (forced convection). The spacing between fins allows air to pass through and carry away heat efficiently.
### B. The pushPIN™ Attachment System
One of the most critical aspects of this part is the mounting hardware:
* **Brass Components:** The pins are typically made of brass with a high-performance compression spring.
* **Pre-drilled Holes:** It requires specific PCB holes (usually 3.0mm diameter) for secure mounting.
* **Consistent Pressure:** The spring ensures a constant pressure is applied between the heat sink and the electronic component (CPU/GPU/FPGA), maximizing thermal transfer.
### C. Thermal Interface Material (TIM)
* The part usually comes pre-applied with **Phase Change Material (PCM)** or high-performance thermal grease on the base. This fills microscopic air gaps between the heat sink and the chip.
---
## 3. Application Use Cases
This specific heat sink is typically used for cooling:
1. **High-Speed Processors:** Small form factor CPUs or Microcontrollers.
2. **FPGAs & ASICs:** Integrated circuits that generate moderate heat in telecommunications.
3. **Power Supplies:** Regulating heat in DC-DC converters.
---
- ⤷
What is the significance of 'Blue Anodized' finish in thermal management?
- ⤷ How do I calculate if the 16.40 °C/W resistance is sufficient for my chip?
- ⤷ What are the compatible hole patterns for pushPIN attachments?