ATS-07G-100-C2-R0
AI

The **ATS-07G-100-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Specification | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Series** | pushPIN™ Heat Sink |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 25mm |
| **Fin Type** | Fine Pitch (Straight Fin) |
| **Thermal Resistance** | ~4.84 °C/W (at 100 LFM) |
---
### 2. Key Component Features
#### A. pushPIN™ Attachment System
The "R0" suffix often indicates the use of the ATS pushPIN™ mounting system. This system includes:
* **Pre-assembled Springs:** Ensures precise pressure (load) is applied to the component for maximum heat transfer.
* **Compression Springs:** Provides 20 different spring force options to meet specific design requirements.
* **Plastic/Brass Pins:** Simplifies installation through pre-drilled holes in the PCB.
#### B. Thermal Interface Material (TIM)
This specific part usually comes with **pre-applied Thermal Interface Material** on the base. This eliminates the need for manual thermal paste application and ensures a consistent, thin layer for minimal thermal impedance between the chip and the heat sink.
#### C. Fin Design
The heat sink utilizes a **straight fin** geometry. This design is optimized for "longitudinal" airflow, making it highly efficient in environments where there is a clear directional path for the cooling fans.
---
### 3. Application Use Cases
The ATS-07G-100-C2-R0 is commonly found in:
* **Telecommunications:** High-speed routers and switches.
* **Embedded Systems:** Industrial motherboards and controllers.
* **Power Supplies:** Cooling voltage regulators and MOSFETs.
* **Computing:** Secondary chipsets or localized hot spots on a PCB.
---
### 4. Thermal Performance Overview
* **At 100 LFM (Linear Feet per Minute):** 4.84 °C/W (High resistance)
* **At 500 LFM:** 1.49 °C/W (Low resistance)
*Note: As airflow increases, the thermal resistance drops significantly, allowing the component to stay cooler under high workloads.*
- ⤷What are the differences between plastic and brass push-pins for this model?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied TIM?
- ⤷ What is the recommended PCB hole size for the ATS push-pin system?