Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-07G-13-C2-R0

  • AI
    The **ATS-07G-13-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed by Advanced Thermal Solutions (ATS). It is part of the "push pin" series, typically used for cooling integrated circuits (ICs) like processors, FPGAs, and ASICs. ### 1. Technical Specifications Below are the primary physical and thermal characteristics of this component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (High Thermal Conductivity) | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 35mm x 35mm x 20mm | | **Thermal Resistance** | 8.95°C/W (at 200 LFM) | | **Attachment Method** | Push Pin (with spring) | | **Thermal Interface Material** | T766 (Pre-applied Phase Change Material) | --- ### 2. Design and Components The part is engineered to maximize surface area while maintaining a compact footprint. #### A. Fin Geometry * **Fin Type:** Cross-cut (also known as "Pin Fin" style). * **Airflow Support:** The cross-cut design allows for omnidirectional airflow, meaning it performs well regardless of which direction the fan is blowing across the PCB. #### B. Attachment Mechanism (Push Pins) * **Hardware:** It utilizes plastic push-pins and compression springs. * **Benefit:** This provides a secure, uniform pressure across the electronic component, which is critical for maximizing heat transfer and preventing the heatsink from shifting during transport or vibration. #### C. Thermal Interface Material (TIM) * The **T766** material pre-applied to the base is a high-performance phase-change material. It fills the microscopic air gaps between the chip surface and the heatsink base, significantly reducing thermal impedance. --- ### 3. Application Use Cases This specific part is widely used in the following electronic environments: 1. **Networking Hardware:** Cooling high-speed chips in routers and switches. 2. **Embedded Systems:** For industrial computers where airflow might be restricted. 3. **Power Electronics:** Managing heat in DC-DC converters or motor drivers. --- ### 4. Part Number Breakdown (Nomenclature) The part number follows a specific logic: * **ATS:** Manufacturer (Advanced Thermal Solutions) * **07:** Series Number (Push Pin attachment style) * **G:** Material / Finish indicator * **13:** Dimension code * **C2:** Blue Anodized finish * **R0:** Revision/RoHS compliance code
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole requirements for the push-pin mounting of this heatsink?
    • ⤷ How does the thermal resistance of this part change at different airflow speeds (LFM)?
    • ⤷ Is it possible to customize the thermal interface material for higher power applications?