ATS-07G-14-C2-R0
AI

The **ATS-07G-14-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 20.00mm |
| **Thermal Resistance** | 9.97°C/W (Unducted Flow @ 200 LFM) |
| **Weight** | ~45 grams |
---
### 2. Key Features and Construction
#### A. Heat Sink Geometry (Blue Anodized Aluminum)
The "07G" series typically features a **cross-cut fin design**. This pattern creates a matrix of pins/fins that allows for high airflow efficiency. The blue anodized coating is not just aesthetic; it provides:
* Increased surface emissivity for better radiation heat transfer.
* Corrosion resistance for the aluminum substrate.
#### B. Push-Pin Attachment Mechanism
This part uses a specific mechanical mounting system:
* **Push-Pins:** Plastic fasteners that snap into pre-drilled holes on the PCB.
* **Springs:** The pins are equipped with compression springs to ensure constant, even pressure (TIM interface pressure) between the heat sink base and the electronic component.
#### C. Thermal Interface Material (TIM)
The "C2" suffix in the part number usually indicates that the heat sink comes with **pre-applied Thermal Interface Material**. This eliminates the need for manual application of thermal paste and ensures optimal heat transfer from the chip to the aluminum base.
---
### 3. Typical Applications
The ATS-07G-14-C2-R0 is commonly used in the following environments:
1. **Telecommunications:** High-speed routers and switches.
2. **Industrial PCs:** Compact motherboards where vertical space is limited to 20mm.
3. **Embedded Systems:** Systems requiring reliable mechanical mounting that can withstand vibration.
---
- ⤷
What are the specific hole patterns required on a PCB for this push-pin mount?
- ⤷ How does the 'C2' thermal material compare to standard thermal grease?
- ⤷ What is the maximum power dissipation (Watts) this heat sink can handle safely?