Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-07G-184-C2-R0

  • AI
    The **ATS-07G-184-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "pushPIN™" thermal management line, designed specifically for cooling electronic components like CPUs, GPUs, and power modules. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Part Number** | ATS-07G-184-C2-R0 | | **Material** | Aluminum (with Blue Anodized Finish) | | **Attachment Type** | pushPIN™ | | **Thermal Resistance** | 4.14 °C/W (at 100 LFM) | | **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 25.00mm | | **Fin Style** | Straight Fin | | **Thermal Interface Material (TIM)** | T766 (High Performance) | --- ### Key Design Components #### 1. Heat Sink Geometry The device uses a **straight fin** design. This is optimized for uni-directional airflow, allowing heat to dissipate as air moves through the parallel channels. The 25mm height provides a larger surface area for heat exchange compared to low-profile sinks. #### 2. pushPIN™ Attachment System Instead of simple adhesives or screws, this part uses a spring-loaded push-pin mechanism. - **Components:** Flexible plastic pins and compression springs. - **Benefits:** It provides consistent pressure on the electronic chip, ensuring optimal contact with the heat source while preventing damage from over-tightening. #### 3. Thermal Interface Material (TIM) The "C2" in the part number indicates that it comes pre-applied with **ATS-T766** thermal grease. This material fills microscopic air gaps between the component surface and the heat sink, significantly lowering the thermal resistance. #### 4. Material and Coating * **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio. * **Blue Anodized Finish:** Not only provides aesthetic value but also adds a protective layer against corrosion and slightly improves radiant heat transfer. --- ### Typical Applications This component is commonly found in: * **Embedded Systems:** Industrial PCs and controllers. * **Telecommunications:** Network switches and high-speed routers. * **Power Electronics:** Voltage regulators and high-current power supplies.
    ✨ Follow-up Questions
    • ⤷ What is the difference between straight fin and cross-cut fin heat sinks?
    • ⤷ How do I calculate the correct LFM for this heat sink?
    • ⤷ Can the push-pin size be customized for different PCB thicknesses?