ATS-07G-202-C2-R0
AI

The **ATS-07G-202-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** heat sink assembly series, designed for cooling electronic components like CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications
The part number itself contains encoded information regarding its dimensions and material properties.
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 54.00 mm x 54.00 mm |
| **Height** | 12.70 mm |
| **Pitch** | XC (Extra Coarse) / Fine Pitch Options |
| **Thermal Resistance** | 14.83 °C/W (at 100 LFM) |
---
### 2. Key Features
* **pushPIN™ Attachment:** Uses a flexible attachment system that includes a copper or aluminum pin and a spring. This ensures a secure fit and constant pressure on the electronic component.
* **Pre-assembled:** It typically comes with a pre-applied **Phase Change Material (PCM)** or Thermal Interface Material (TIM) on the base for better heat transfer.
* **Versatility:** The "XC" pattern design is optimized for a wide variety of airflow conditions (both low and high velocity).
---
### 3. Electronic Application
This heat sink is used to manage the thermal profile of components that generate significant heat during operation. Excessive heat can lead to **thermal throttling** or permanent damage to semiconductors.
#### Common Use Cases:
1. **Microprocessors:** Cooling mid-range CPUs in embedded systems.
2. **FPGAs/ASICs:** Managing heat in custom logic boards used in telecommunications.
3. **Power Electronics:** Dissipating heat from high-speed switching transistors.
---
### 4. Thermal Performance Comparison
Thermal resistance varies based on the airflow (Measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 14.83 |
| 300 (1.5 m/s) | 6.13 |
| 500 (2.5 m/s) | 4.51 |
| 700 (3.5 m/s) | 3.73 |
---
- ⤷What is the difference between Blue Anodized and Black Anodized finishes in heat sinks?
- ⤷ How do I calculate the required LFM for my specific electronic component?
- ⤷ What are the compatible spring types for the pushPIN system?