ATS-07G-25-C2-R0
AI

The **ATS-07G-25-C2-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**. It is manufactured by *Advanced Thermal Solutions (ATS)* and belongs to their "blueICE" or "push-pin" series designed for cooling integrated circuits (ICs).
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-07G-25-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Brass |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 25mm |
| **Fin Style** | Straight Fin |
---
### 2. Electronic Application & Function
While not an active electronic component (like a transistor), it is a critical **passive thermal management component**. Its role in an electronic system includes:
* **Heat Dissipation:** It increases the surface area of a heat-generating component (such as a BGA, FPGA, or CPU) to allow ambient air to carry heat away more efficiently.
* **Thermal Resistance:** It is designed to lower the $\theta_{ja}$ (Junction-to-Ambient thermal resistance), preventing the semiconductor from reaching its thermal throttling or breakdown temperature.
* **Mechanical Security:** The "C2" designation refers to the specific push-pin and spring combination, which provides a precise amount of downward pressure (clamping force) to ensure the Thermal Interface Material (TIM) fills all microscopic gaps between the chip and the heat sink.
---
### 3. Decoding the Part Number
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
1. **ATS-07**: Series identifier (referring to the footprint and fin geometry).
2. **G**: Indicates the specific fin height or density configuration.
3. **25**: Dimensions in millimeters (25x25mm).
4. **C2**: Indicates the kit includes a specific **Push-Pin and Spring** mounting system.
5. **R0**: RoHS compliance status (standard for modern electronics).
---
### 4. Thermal Performance
The efficiency of this heat sink depends on the airflow (Linear Feet per Minute - LFM):
* **Low Airflow (200 LFM):** Higher thermal resistance (e.g., ~6.0 °C/W).
* **High Airflow (600+ LFM):** Lower thermal resistance (e.g., ~3.5 °C/W).
This makes it suitable for small-form-factor devices where space is limited but high heat density is present.
- ⤷
What are the PCB hole requirements for the push-pin mounting of this heat sink?
- ⤷ Is the T766 thermal interface material electrically conductive?
- ⤷ Can this heat sink be used with a 30mm x 30mm chip even though its dimensions are 25mm?