ATS-07G-28-C2-R0
AI

The **ATS-07G-28-C2-R0** is a specific electronic component, categorized as a **High-Performance Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their *blueICE*™ series, designed primarily for cooling BGA (Ball Grid Array) components and other surface-mount devices.
---
### 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 40.00 mm x 40.00 mm |
| **Height (Height off Base)** | 17.78 mm |
| **Thermal Resistance** | 10.57°C/W (Natural) / 1.50°C/W (Forced Air @ 200 LFM) |
| **Attachment Method** | pushPIN™ |
| **Flow Orientation** | Vertical / Top Down |
---
### 2. Core Electronic/Thermal Features
* **pushPIN™ Attachment:** This model uses a spring-loaded pin mechanism to provide high-pressure attachment to the PCB. This ensures maximum thermal contact between the heat sink and the electronic component (CPU, GPU, or FPGA).
* **Thermal Interface Material (TIM):** Typically, this specific part comes pre-applied with **T766** (a high-performance thermal grease) or is compatible with standard thermal pads to fill the microscopic air gaps between the chip and the metal.
* **Fin Design:** It utilizes a **Cross-Cut** fin pattern. Unlike straight fins, cross-cut fins allow for airflow from multiple directions, making it more efficient in systems where the direction of the cooling fan may not be perfectly aligned with the heat sink.
* **Blue Anodized Finish:** Beyond aesthetics, the anodization protects the aluminum from corrosion and slightly increases surface emissivity, which helps in radiant heat transfer.
---
### 3. Application Use Cases
This part is commonly found in the following electronic assemblies:
1. **Network Switches/Routers:** Cooling high-speed processing chips.
2. **Power Supplies:** Managing heat for MOSFETs or power regulators.
3. **Industrial PCs:** Providing passive or active cooling in cramped enclosures.
4. **Embedded Systems:** Specifically for BGA packages that generate between 5W and 15W of heat.
---
- ⤷
What are the specific advantages of the pushPIN attachment system compared to adhesive tapes?
- ⤷ How do I calculate if the 1.50°C/W thermal resistance is sufficient for my specific chip wattage?
- ⤷ Are there alternative dimensions available within the ATS-07G series?