ATS-07G-34-C2-R0
AI

The **ATS-07G-34-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 35.00mm |
| **Thermal Resistance** | 6.73°C/W (Unducted Flow @ 100 LFM) |
| **Fin Style** | Straight Fin |
---
### 2. Component Analysis
#### A. Thermal Design
The "34" in the part number indicates a height of **35mm**. This is a relatively tall heat sink for its footprint, providing a large surface area for heat exchange. The **straight fin** design is optimized for forced-air cooling environments where airflow is directed through the fins.
#### B. Mounting System (pushPIN™)
The part utilizes the proprietary **pushPIN™** attachment mechanism. This system includes:
* **Flexible Springs:** Provide precise pressure (Pre-assembled) to ensure optimal thermal interface contact.
* **Brass/Plastic Pins:** Secure the heat sink directly to pre-drilled holes in the PCB.
* **Ease of Assembly:** Designed for quick installation without complex tools.
#### C. Material and Coating
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** This is not just aesthetic; anodizing improves the emissivity of the surface (increasing radiant heat transfer) and provides corrosion resistance.
---
### 3. Application Use Cases
This specific heat sink is typically found in:
1. **Telecommunications:** Cooling signal processing chips in base stations.
2. **Embedded Systems:** Cooling industrial PCs or high-end microcontrollers.
3. **Power Electronics:** Managing heat for VRMs (Voltage Regulator Modules) or power MOSFETs.
---
- ⤷
What are the specific PCB hole diameters required for the pushPIN mounting system?
- ⤷ How does the thermal resistance change at higher airflow rates (e.g.
- ⤷ 500 LFM)?
- ⤷ Is this heat sink compatible with standard 35mm thermal pads or grease?