ATS-07G-55-C2-R0
AI

The **ATS-07G-55-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Mounting Type** | pushPIN™ |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 10.00mm |
| **Thermal Resistance (Flowing)** | 4.84 °C/W @ 100 LFM |
| **Thermal Resistance (Unducted)** | 23.98 °C/W |
| **Attachment Method** | Plastic Push Pin |
---
### 2. Key Components & Design Features
#### A. pushPIN™ Attachment System
This part features a specialized mounting system designed for high reliability and ease of installation. It includes:
* **Plastic Push Pins:** Used to secure the heat sink to the PCB (Printed Circuit Board) via pre-drilled holes.
* **Compression Springs:** Provides consistent pressure (Force) across the interface between the component and the heat sink, ensuring optimal heat transfer.
#### B. Fin Design
The "G" in the part number often refers to the **straight-fin** or **cross-cut** profile. This specific model uses a high-density fin arrangement to maximize surface area within a small 35mm footprint.
#### C. Thermal Interface Material (TIM)
The "R0" suffix usually indicates that the part comes with a pre-applied thermal interface material (like a phase-change pad or thermal grease). This eliminates the need for manual application during assembly.
---
### 3. Part Number Breakdown
The part number follows a specific nomenclature used by ATS:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **07** | Product Series / Type |
| **G** | Fin Profile / Material Grade |
| **55** | Specific Design Dimension / ID |
| **C2** | Performance / Material Grade (Aluminum with Blue Anodized finish) |
| **R0** | Packaging / Revision (includes TIM) |
---
### 4. Typical Applications
* **Embedded Systems:** Cooling small-form-factor processors.
* **Telecommunications:** Dissipating heat from networking chips.
* **Power Supplies:** Cooling voltage regulators or MOSFETs.
- ⤷
What are the benefits of using a blue anodized finish on a heat sink?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this part?
- ⤷ Are there alternative mounting options if my PCB doesn't have holes?