ATS-07G-66-C2-R0
AI

The **ATS-07G-66-C2-R0** is a high-performance electronic component specifically categorized as a **Heat Sink**, manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push-pin" series designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-07G-66-C2-R0 |
| **Type** | Board Level Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 5.77°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions** | 45mm x 45mm x 25mm |
---
## 2. Key Physical Components
### A. The Heat Sink Body
The body is constructed from **Aluminum**. Aluminum is chosen for its excellent thermal conductivity-to-weight ratio. The "Blue Anodized" coating is not just for aesthetics; it provides surface protection against corrosion and slightly increases emissivity for better radiation heat transfer.
### B. Fin Design
This part typically features a **Straight Fin** or **Cross-Cut** design (depending on the specific revision). These fins increase the surface area available to dissipate heat into the surrounding air through convection.
### C. Attachment Mechanism (Push-Pins)
The "R0" suffix indicates a specific hardware kit. The assembly uses:
* **Brass Push-Pins:** These provide a secure, standardized mechanical connection to the PCB.
* **Compression Springs:** These ensure consistent pressure (clamping force) between the heat sink and the electronic component, which is vital for thermal efficiency.
### D. Thermal Interface Material (TIM)
Most "C2" variants come pre-applied with a high-performance **Phase Change Material (PCM)** or thermal tape. This fills the microscopic air gaps between the component and the heat sink base to maximize heat transfer.
---
## 3. Performance Breakdown
The thermal resistance of this part varies based on the airflow velocity (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural) | 5.77 |
| 200 (Forced) | 2.36 |
| 300 (Forced) | 1.84 |
---
## 4. Typical Applications
* **Integrated Circuits (ICs):** Cooling FPGAs and ASICs.
* **Telecommunications:** Used on high-speed networking line cards.
* **Industrial Power:** Managing heat on power supply modules.
- ⤷
What is the difference between blue anodized and black anodized heat sinks?
- ⤷ How do I calculate the required LFM for my specific electronic component?
- ⤷ Are there alternative attachment methods to push-pins for this heat sink size?