ATS-07G-82-C2-R0
AI

The **ATS-07G-82-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below are the primary technical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance (Flowing)** | 2.49 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 10.79 °C/W |
| **Dimensions (L x W x H)** | 30mm x 30mm x 25mm |
| **Fin Configuration** | Fine-Pitch (Cross-Cut) |
---
### 2. Breakdown of the Part Number
The part number follows the standard ATS naming convention:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **07**: Series identifier.
* **G**: Material or specific mounting hardware type.
* **82**: Unique design/footprint identifier.
* **C2**: Material and Finish code (typically indicates Aluminum with Blue Anodized finish).
* **R0**: Revision or packaging code.
---
### 3. Key Electronic Functions
#### A. Thermal Dissipation
This part is a **passive cooling** component. It increases the surface area of a heat-generating electronic device, allowing air (either via natural convection or forced airflow from a fan) to carry heat away more efficiently.
#### B. pushPIN™ Attachment
Unlike adhesive tapes or simple clips, the **pushPIN™** system uses a flexible spring-loaded mechanism. This ensures:
1. **Uniform Pressure:** Constant contact between the heat sink and the chip.
2. **Reliability:** Better resistance to shock and vibration compared to thermal tape.
3. **Ease of Assembly:** Quick installation into pre-drilled holes on a PCB.
#### C. Thermal Interface Material (TIM)
Typically, these units come with a pre-applied **Phase Change Material** or thermal pad on the base to fill microscopic air gaps between the component and the heat sink, maximizing heat transfer.
---
### 4. Typical Applications
* **Embedded Systems:** Industrial PCs and controllers.
* **Telecommunications:** Routers and switches.
* **Power Electronics:** Voltage regulators and high-speed motor drivers.
- ⤷
What is the difference between active and passive cooling in electronics?
- ⤷ How do I calculate the required thermal resistance for my circuit?
- ⤷ What are the benefits of blue anodizing on aluminum heat sinks?