ATS-07H-115-C2-R0
AI

The **ATS-07H-115-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
Below are the key mechanical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 40.00mm x 40.00mm x 25.00mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 1.75°C/W (at 200 LFM) |
| **Fin Type** | XC-CUT (Cross-cut for multi-directional flow) |
---
## 2. Key Electronic Features
### A. pushPIN™ Attachment System
Unlike traditional adhesive tapes or simple clips, the **ATS-07H-115-C2-R0** uses a "pushPIN" system. This is critical for electronics because:
* **Constant Pressure:** It ensures uniform contact between the chip surface and the heat sink.
* **Secure Mounting:** It prevents the heat sink from shifting during vibration or transport.
* **Ease of Maintenance:** It allows for repeated installation and removal without damaging the PCB.
### B. Thermal Interface Material (TIM)
This part comes pre-applied with **T766**, a high-quality thermal interface material. In electronics, the TIM fills microscopic air gaps between the component and the heat sink, significantly reducing thermal resistance and improving heat transfer efficiency.
### C. XC-CUT Fin Design
The "XC-CUT" indicates a cross-cut fin geometry. This is specifically engineered for:
* **Non-linear Airflow:** If the cooling fan is not perfectly aligned, the cross-cuts allow air to enter from multiple angles.
* **Increased Surface Area:** Maximizes the area available for heat dissipation within a 40mm footprint.
---
## 3. Common Applications
This heat sink is typically found in the following electronic environments:
1. **Telecommunications:** Cooling high-speed networking chips and routers.
2. **Embedded Systems:** Industrial PCs where high reliability is required.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
---
- ⤷
What are the differences between the C1
- ⤷ C2
- ⤷ and C3 variations of this ATS heat sink?
- ⤷ How do I calculate the thermal resistance needed for my specific electronic component?
- ⤷ What is the recommended airflow (LFM) for optimal performance of the ATS-07H-115-C2-R0?