ATS-07H-121-C2-R0
AI

The part number **ATS-07H-121-C2-R0** refers to a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). While it is a mechanical component, it is critical for the thermal management of electronic systems.
---
### 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 9.48°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 10mm |
| **Fin Type** | Fine Pitch (Cross-Cut) |
---
### 2. Breakdown of the Part Number
The naming convention provides specific details about the component:
* **ATS**: Advanced Thermal Solutions (Manufacturer).
* **07**: Series identifier (typically related to fin configuration).
* **H**: High performance/High density.
* **121**: Specific geometry/size code.
* **C2**: Refers to the thermal interface material (TIM) or specific coating; "C2" often denotes **T766 phase change material**.
* **R0**: RoHS compliant revision.
---
### 3. Electronic Application & Importance
This heat sink is designed to protect sensitive electronic components from overheating.
#### Key Functions:
* **Dissipation of Heat:** It increases the surface area of a semiconductor (like a CPU, GPU, or FPGA), allowing the surrounding air to carry away heat more efficiently.
* **pushPIN™ Technology:** The assembly includes a flexible, spring-loaded attachment mechanism that ensures consistent pressure on the electronic chip, optimizing heat transfer through the Thermal Interface Material (TIM).
* **Directional Airflow:** The "Cross-Cut" fin design is optimized for environments where airflow might come from multiple directions, making it versatile for tightly packed circuit boards (PCBs).
---
### 4. Component Comparison: Thermal Resistance
Thermal resistance measures how effectively the part prevents heat buildup. Lower numbers are better under high-flow conditions.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 9.48 |
| 300 (1.5 m/s) | 4.47 |
| 500 (2.5 m/s) | 3.44 |
- ⤷
What is the difference between ducted and unducted thermal resistance?
- ⤷ How do I choose the correct spring tension for a pushPIN heat sink?
- ⤷ What are the advantages of blue anodized finishes on aluminum heat sinks?