ATS-07H-141-C2-R0
AI

The **ATS-07H-141-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the blueICE™ series, specifically designed for cooling electronic components like CPUs, GPUs, and other integrated circuits that require efficient thermal management.
---
## 1. Technical Specifications
Below are the primary technical parameters for this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 15.76°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 10.00mm |
| **Fin Style** | Straight Fin |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Electronic/Physical Composition
The "electronic" relevance of this part lies in its ability to protect semiconductor junctions from overheating.
### A. Material Properties
* **Aluminum Body:** Chosen for its high thermal conductivity and lightweight properties, ensuring it doesn't strain the PCB.
* **Blue Anodized Coating:** Provides surface protection against corrosion and increases surface emissivity for better radiant heat transfer.
### B. The pushPIN™ Attachment System
Unlike adhesive-based heat sinks, the `-R0` suffix indicates a mechanical attachment:
* **Spring-loaded bolts:** Provide precise pressure (load) on the processor, ensuring optimal contact with the Thermal Interface Material (TIM).
* **Secure Mounting:** Prevents the heat sink from shifting during mechanical shock or vibration, common in industrial or mobile electronics.
### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied. This is a phase-change material or high-performance grease that fills microscopic air gaps between the heat sink and the electronic chip, significantly reducing thermal impedance.
---
## 3. Thermal Performance Analysis
Efficiency depends on the airflow (LFM - Linear Feet per Minute) within the electronic enclosure:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 15.76 |
| 300 (1.5 m/s) | 8.92 |
| 500 (2.5 m/s) | 7.18 |
| 700 (3.5 m/s) | 6.33 |
---
## 4. Common Applications
This heat sink is typically found in:
* **Network Switches/Routers:** Cooling ASICs.
* **Embedded Systems:** Protecting SoCs in compact enclosures.
* **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the specific hole patterns required on the PCB for the pushPIN attachment?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Is there a version of this heat sink with a higher profile for better passive cooling?