ATS-07H-142-C3-R0
AI

The **ATS-07H-142-C3-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** product line, specifically designed to cool electronic components like CPUs, GPUs, and other high-heat integrated circuits.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Type** | maxiFLOW (Tapered Fin Design) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 4.85 °C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 30mm x 30mm x 15mm |
| **Compatibility** | Pre-drilled for push-pin mounting |
---
### 2. Key Design Elements
#### A. maxiFLOW™ Fin Geometry
Unlike standard square-cut fins, the maxiFLOW™ design uses a flared, tapered fin profile. This increases the surface area exposed to air while reducing pressure drop, making it highly efficient in forced-air environments (using fans).
#### B. pushPIN™ Attachment System
The "R0" designation indicates it uses the **pushPIN™** mounting system. This includes:
* A flexible spring-loaded mechanism.
* Reliable pressure application to ensure maximum contact between the heat sink and the component.
* Ease of installation without specialized tools.
#### C. Thermal Interface Material (TIM)
This specific model usually comes with **T412** thermal tape or pre-applied Phase Change Material. The "C3" in the part number often indicates the type of thermal performance coating or specific material variant used for that series.
---
### 3. Applications
This part is commonly used in the following electronic sectors:
* **Telecommunications:** Cooling high-speed signal processors.
* **Embedded Systems:** For compact industrial PC boards.
* **Networking:** Switch and router chips where airflow is directional.
* **Automotive:** Cooling internal control modules.
---
- ⤷
What is the difference between blue anodized and gold anodized heat sinks?
- ⤷ How do I calculate the required LFM for this heat sink?
- ⤷ Are there alternative mounting options if pushPIN is not supported by my PCB?