Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-07H-147-C3-R0

  • AI
    The **ATS-07H-147-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of this specific model: | Property | Specification | | :--- | :--- | | **Series** | pushPIN™ | | **Attachment Type** | Push-Pin (Spring Loaded) | | **Material** | Aluminum (Blue Anodized) | | **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 10.00mm | | **Fin Type** | Straight Fin | | **Thermal Resistance** | 13.65 °C/W (Unducted @ 100 LFM) | | **Thermal Interface Material** | T412 (Pre-applied) | --- ### 2. Design Characteristics * **High-Performance Fin Design:** The straight-fin design is optimized for airflow from cooling fans. The specific pitch and height (10mm) are designed for low-profile applications where space is limited. * **Push-Pin Mounting:** Unlike adhesive-based heat sinks, this uses a mechanical push-pin system. This ensures consistent pressure between the heat sink and the component, maximizing heat transfer. * **Advanced Thermal Material (TIM):** It comes with **T412** pre-applied. This is a phase-change material that fills microscopic air gaps between the component and the heat sink base, significantly reducing contact resistance. --- ### 3. Thermal Performance Metrics Thermal resistance varies based on the Airflow (measured in Linear Feet per Minute - LFM): | Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) | | :--- | :--- | :--- | | 100 | 0.5 | 13.65 | | 300 | 1.5 | 6.18 | | 500 | 2.5 | 4.81 | | 700 | 3.5 | 4.12 | --- ### 4. Part Number Breakdown (Nomenclature) The part number follows a specific logic used by Advanced Thermal Solutions: * **ATS**: Manufacturer (Advanced Thermal Solutions). * **07H**: Specific series/designator. * **147**: Geometry and fin configuration. * **C3**: Material/Finish code (Blue Anodized). * **R0**: RoHS Compliant / Revision.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the correct LFM for my specific fan setup?
    • ⤷ What is the difference between T412 and other Thermal Interface Materials?
    • ⤷ Can this heat sink be mounted on a PCB without pre-drilled holes?