ATS-07H-166-C3-R0
AI

The **ATS-07H-166-C3-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** product line, specifically designed to dissipate heat from electronic components like CPUs, GPUs, FPGAs, and ASICs.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Series** | maxiFLOW™ |
| **Material** | Aluminum (Anodized Blue) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm |
| **Thermal Resistance** | 12.30°C/W (Unducted Flow) |
| **Attachment Method** | pushPIN™ |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Component Features
#### A. The Fin Design (maxiFLOW™)
The "maxiFLOW" design uses a **tapered fin structure**. This geometry is engineered to maximize surface area while minimizing pressure drop. This allows air to flow more efficiently through the fins, making it highly effective in forced-air environments (fans).
#### B. The pushPIN™ Attachment System
Instead of using messy adhesives or thermal tape, this model uses a mechanical **pushPIN™** system:
* **Secure Fit:** Provides consistent pressure across the component surface for better thermal transfer.
* **Easy Installation:** Uses a spring-loaded pin that clicks into pre-drilled holes on the PCB.
* **Reliability:** Resistant to shock and vibration compared to "peel-and-stick" alternatives.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base.
* **Function:** This material fills the microscopic air gaps between the heat sink and the electronic chip.
* **Benefit:** It ensures the lowest possible thermal resistance right out of the box.
---
### 3. Applications
This specific heat sink is typically used for cooling:
* **Networking Gear:** Routers, switches, and base stations.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Large MOSFET arrays or power converters that generate concentrated heat in a 45x45mm footprint.
---
### 4. Thermal Performance Comparison
*At various airflow rates (Linear Feet per Minute - LFM):*
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 | 12.30 |
| 200 | 9.20 |
| 300 | 7.30 |
| 400 | 6.00 |
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ How does the blue anodized finish affect the thermal performance?
- ⤷ Can the T766 thermal interface material be replaced with high-performance thermal paste?