ATS-07H-175-C2-R0
AI

The **ATS-07H-175-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 🛠️ Technical Specifications
The part belongs to the **pushPIN™** series, known for its secure mounting mechanism and efficient airflow design.
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Plastic Pins & Springs) |
| **Thermal Resistance** | 13.52 °C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 10.00mm |
| **Fin Style** | Fine Pitch (Cross-Cut) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 🔍 Key Component Features
### 1. Fine-Pitch Fin Design
The heat sink utilizes a **cross-cut** or fine-pitch pattern. This increases the total surface area available for heat exchange without significantly increasing the physical footprint of the part. This is critical for space-constrained PCB layouts.
### 2. pushPIN™ Attachment System
Instead of using messy adhesives or complex clips, this part uses a standardized **pushPIN™** system:
* **Springs:** Provide precise pressure to ensure maximum contact between the heat sink and the component.
* **Pins:** Available in brass or plastic to secure the assembly through pre-drilled holes in the PCB.
### 3. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This is a high-performance thermal grease that fills microscopic air gaps between the heat sink and the electronic chip, significantly lowering thermal resistance.
---
## 📊 Performance Data (Airflow)
Thermal performance varies based on the velocity of the air moving through the fins (measured in Linear Feet per Minute - LFM):
| Air Velocity | 100 LFM | 300 LFM | 500 LFM |
| :--- | :--- | :--- | :--- |
| **Thermal Resistance (Unducted)** | 13.52 °C/W | 5.13 °C/W | 3.63 °C/W |
| **Thermal Resistance (Ducted)** | 3.63 °C/W | 2.50 °C/W | 2.07 °C/W |
---
## 💡 Typical Applications
* **Embedded Systems:** Cooling microprocessors in industrial PCs.
* **Telecommunications:** Dissipating heat from high-speed networking chips.
* **Power Electronics:** Cooling MOSFETs or voltage regulators.
- ⤷
What is the difference between ducted and unducted thermal resistance?
- ⤷ Are there alternative mounting options if my PCB doesn't have pushPIN holes?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?