ATS-07H-202-C2-R0
AI

The **ATS-07H-202-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push-pin" attachment series designed for cooling electronic components such as CPUs, GPUs, and other high-heat integrated circuits.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Property | Description |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 14.83 °C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W)** | 54.00 mm x 54.00 mm |
| **Height (Fin Profile)** | 6.00 mm |
| **Number of Fins** | XC (Cross-Cut) Design |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Design Features
* **XC (Cross-Cut) Fin Pattern:**
Unlike straight fins, the XC design features square or rectangular pins/blocks. This allows for multi-directional airflow, making the heat sink effective even if the air is not blowing directly down the rows.
* **Push-Pin Mounting:**
The part uses a spring-loaded push-pin mechanism. This provides a consistent, high-pressure contact between the heat sink and the component, which is critical for efficient heat transfer.
* **Low Profile:**
With a height of only 6.00 mm, this part is specifically designed for space-constrained electronics, such as 1U servers, thin clients, or compact embedded systems.
* **Blue Anodized Coating:**
The anodization increases surface emissivity (improving radiation heat transfer) and provides electrical insulation and corrosion resistance.
---
### 3. Thermal Performance Metrics
Thermal performance depends heavily on the velocity of the air passing through the fins (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 14.83 |
| **400 (2.0 m/s)** | 6.91 |
| **600 (3.0 m/s)** | 5.10 |
| **800 (4.0 m/s)** | 4.34 |
---
### 4. Application Usage
This part is typically used for cooling:
1. **BGA Packages:** High-density Ball Grid Arrays.
2. **FPGA/ASIC:** Custom logic chips that generate localized heat.
3. **Power Electronics:** Voltage regulators or power modules in telecommunication hardware.
- ⤷
What is the hole diameter required on the PCB for the push-pin attachment?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Is there a version of this heat sink with a higher profile for better cooling?