ATS-07H-210-C2-R0
AI

The **ATS-07H-210-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS).
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the physical and thermal properties of the component.
| Property | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink |
| **Series** | pushPIN™ HS |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Base Finish** | Blue Anodized |
| **Dimensions** | 70mm x 70mm x 12mm |
| **Thermal Resistance** | 5.18°C/W (at 100 LFM) |
---
### 2. Design Features
The **ATS-07H-210-C2-R0** is designed for high-density electronic cooling.
* **Fin Profile:** It utilizes a **Fine-Pitch** fin design. This maximizes the surface area within a small footprint, which is critical for dissipating heat in constrained spaces.
* **Push-Pin Attachment:** Instead of using messy thermal adhesives or complex brackets, it uses a standardized push-pin mechanism with a specific spring force. This ensures consistent pressure on the processor or component for optimal heat transfer.
* **Airflow Optimization:** The design is intended for forced air (fan-cooled) environments. Its thermal resistance drops significantly as the Linear Feet per Minute (LFM) of airflow increases.
---
### 3. Application Use Cases
This specific model is commonly used for cooling "Hot" components on a PCB where vertical clearance is limited (since it is only 12mm tall).
1. **Processors (CPUs/GPUs):** For low-profile embedded systems.
2. **ASICs and FPGAs:** High-speed integrated circuits that generate localized heat.
3. **Power Supplies:** Cooling MOSFETs or power conversion modules.
4. **Telecommunications:** Used in rack-mounted networking gear where horizontal space is plentiful but vertical space is tight.
---
### 4. Part Number Breakdown
The suffix codes provide detail on the material and color:
* **C2:** Refers to the thermal interface material (TIM) or specific coating (usually implies a high-performance T766 thermal pad or grease is included).
* **R0:** Indicates the revision and typically signifies compliance with environmental standards like RoHS.
- ⤷
How does the thermal resistance of this heat sink change at higher airflow rates (e.g.
- ⤷ 500 LFM)?
- ⤷ What are the specific hole-to-hole mounting dimensions for the ATS-07H-210-C2-R0?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes in thermal performance?