ATS-07H-26-C2-R0
AI

The **ATS-07H-26-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" heat sink assembly system, designed specifically for thermal management of electronic components like CPUs, GPUs, and other integrated circuits.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-07H-26-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions** | 70.00mm x 70.00mm x 10.00mm |
| **Thermal Resistance** | 14.20 °C/W (at 100 LFM / 0.5 m/s) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### Key Electronic Components & Design Elements
#### 1. PushPIN™ Attachment System
Instead of using messy adhesives or weak thermal tapes, this part uses a mechanical **pushPIN™** system. This ensures consistent pressure on the electronic component (IC), which is critical for maximizing heat transfer efficiency and preventing the heat sink from shifting during vibration.
#### 2. Fin Profile (Fine Pitch)
The "H" in the part number often denotes a specific fin height or density. This model features a **low-profile design** (10mm height). This is ideal for:
* **1U or 2U Servers:** Where vertical space is restricted.
* **Embedded Systems:** Small form factor enclosures.
* **Telecommunications:** Dense networking hardware.
#### 3. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied. This is a high-performance phase-change or grease-like material that fills microscopic air gaps between the flat surface of the heat sink and the electronic chip.
#### 4. Material and Finish
* **Aluminum 6063:** Provides a high thermal conductivity-to-weight ratio.
* **Blue Anodizing:** This isn't just for aesthetics; it provides surface protection against corrosion and slightly improves heat radiation (emissivity).
---
### Application in Circuit Design
In an electronic circuit, the ATS-07H-26-C2-R0 acts as a passive cooling component. It is selected based on the **Power Dissipation (Watts)** of the underlying component. With a thermal resistance of roughly 14.20 °C/W at low airflow, it is designed for chips that produce moderate heat but require a large surface area (70mm x 70mm) to dissipate energy effectively.
- ⤷
How does the thermal resistance of this part change with increased airflow?
- ⤷ What are the specific hole patterns required for the pushPIN mounting system?
- ⤷ Can this heat sink be used with high-power MOSFETs or only for BGA packages?