ATS-07H-29-C2-R0
AI

The part number **ATS-07H-29-C2-R0** refers to a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below is the breakdown of the technical characteristics for this specific part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
| **Thermal Resistance** | 7.57°C/W (at 100 LFM) |
| **Fin Style** | Straight Fin |
| **Compatibility** | Standard PCB hole patterns |
---
### 2. Part Number Nomenclature
Understanding the code helps identify the physical properties:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **07H**: Series/Category (Push-pin heat sink family).
* **29**: Specific dimensional profile (45mm length).
* **C2**: Material/Finish code (Blue Anodized Aluminum).
* **R0**: RoHS compliance status and revision level.
---
### 3. Electronic Application & Usage
The ATS-07H-29-C2-R0 is an **Active/Passive Cooling Component**. While it does not consume electricity itself, it is critical for the following electronic functions:
1. **Thermal Management**: It draws heat away from integrated circuits (ICs) through conduction.
2. **Overheating Prevention**: By increasing the surface area for air convection, it prevents "thermal throttling" or hardware failure in high-performance chips.
3. **Pressure Application**: The push-pin mechanism uses a precise spring-loaded tension to ensure the heat sink maintains constant contact with the component's surface, often used in conjunction with a **Thermal Interface Material (TIM)** like thermal paste or pads.
---
### 4. Cooling Performance (LFM)
Thermal resistance decreases as airflow increases. Performance varies based on Linear Feet per Minute (LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 | 7.57 |
| 200 | 2.45 |
| 300 | 1.70 |
| 400 | 1.39 |
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate the required thermal resistance for my specific CPU?
- ⤷ What thermal interface material is recommended for use with this ATS model?