ATS-07H-34-C2-R0
AI

The **ATS-07H-34-C2-R0** is not a semiconductor or an active electronic component; it is a **high-performance heat sink** manufactured by **Advanced Thermal Solutions (ATS)**.
It belongs to the **push-pin** attachment series, specifically designed for cooling electronic components like CPUs, GPUs, or high-power chipsets on Printed Circuit Boards (PCBs).
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 35.0mm x 35.0mm x 25.0mm |
| **Fin Type** | Fine Pitch (straight fins) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 6.73°C/W (at 100 LFM) |
| **Thermal Interface** | T766 (Pre-applied Thermal Grease) |
---
## 2. Component Design & Mechanics
### Physical Construction
The "34" in the part number indicates the specific fin geometry. The heat sink is made of **extruded aluminum**, which provides a high surface-area-to-volume ratio. The **blue anodized finish** is not just for aesthetics; it increases the emissivity of the surface, slightly improving radiative cooling.
### Mounting Mechanism
* **Push-Pin System:** It uses a spring-loaded push-pin mechanism. This ensures consistent pressure (clamping force) on the electronic chip, which is critical for maximizing the efficiency of the thermal interface material (TIM).
* **Pre-applied TIM:** It comes with **T766 thermal grease** pre-applied to the base, ensuring a low-resistance thermal path between the chip and the aluminum.
---
## 3. Thermal Performance Profile
The effectiveness of this part depends heavily on the airflow (Linear Feet per Minute) within the electronic enclosure:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural/Low) | 6.73 |
| 200 (Medium) | 4.12 |
| 300 (High) | 3.23 |
| 400 (Very High) | 2.78 |
---
## 4. Typical Applications
This component is used to manage heat in the following electronic environments:
* **Networking Gear:** Switches, routers, and hubs.
* **Industrial PCs:** Cooling embedded processors.
* **Power Supplies:** Heat dissipation for MOSFETs or bridge rectifiers.
* **FPGA Cooling:** Thermal management for programmable logic devices.
---
- ⤷How do I determine if the 35mm x 35mm footprint fits my PCB layout?
- ⤷ What are the advantages of using push-pins over thermal adhesive?
- ⤷ Can the pre-applied T766 thermal grease be replaced with a different material?