Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-07H-40-C3-R0

  • AI
    The **ATS-07H-40-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is designed for cooling electronic components, typically integrated circuits (ICs) or high-speed processors, using passive or active airflow. --- ### 1. Technical Specifications The following table breaks down the physical and thermal properties of this specific model: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 47.24 mm x 36.83 mm x 15.24 mm | | **Mounting Type** | pushPIN™ | | **Attachment Method** | Spring-loaded Brass Pins | | **Thermal Resistance** | 14.71 °C/W (at 100 LFM) | | **Thermal Interface Material** | T412 (Pre-applied) | --- ### 2. Key Design Features ### **A. pushPIN™ Attachment System** Unlike basic adhesive heat sinks, this part uses a mechanical **pushPIN™** system. - It includes a flexible spring-loaded mechanism that ensures consistent pressure on the component. - This prevents the heat sink from shifting or losing contact over time due to thermal expansion or vibration. ### **B. Fin Geometry** This model utilizes a **cross-cut** or **pin-fin** design. - **Surface Area:** High surface area-to-volume ratio for maximum heat dissipation. - **Airflow:** Optimized for multi-directional airflow, meaning it works effectively regardless of which way the fan is blowing relative to the fins. ### **C. Thermal Interface Material (TIM)** The part comes with **T412** pre-applied to the base. This is a high-performance thermal pad that fills microscopic air gaps between the component die and the heat sink, significantly reducing thermal resistance. --- ### 3. Applications The ATS-07H-40-C3-R0 is commonly used in: 1. **Telecommunications:** Cooling of networking chips and switch fabric. 2. **Embedded Systems:** Industrial PCs and automation controllers. 3. **Power Electronics:** Voltage regulators and high-density power modules. --- ### 4. Part Number Breakdown (Nomenclature) ```text ATS - 07 - H - 40 - C3 - R0 | | | | | | | | | | | +-- Revision Code | | | | +------- Color/Finish (Blue Anodized) | | | +------------ Height (15.24mm) | | +----------------- Pin/Fin Style (High Performance) | +---------------------- Series Number +---------------------------- Brand (Advanced Thermal Solutions) ```
    ✨ Follow-up Questions
    • ⤷ How does the thermal resistance of this heat sink change at higher airflow speeds?
    • ⤷ What are the PCB hole requirements for the pushPIN™ mounting system?
    • ⤷ Are there alternative finishes to 'Blue Anodized' if environmental requirements change?