ATS-07H-41-C3-R0
AI

The **ATS-07H-41-C3-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series and is designed for cooling electronic components like CPUs, GPUs, and power transistors.
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 17.78mm |
| **Mounting Type** | pushPIN™ (Spring Loaded) |
| **Pitch (Hole Spacing)** | 3.5mm |
| **Thermal Resistance** | 10.07 °C/W (at 100 LFM) |
| **Attachment Method** | Push-pin with Brass Spring |
---
### 2. Key Features and Components
* **Cross-Cut Fin Design:** The "C3" designation often refers to a specific fin density and arrangement. The cross-cut pattern allows for omnidirectional airflow, making it efficient regardless of the direction the cooling fan is blowing.
* **pushPIN™ Attachment:** Unlike adhesive tapes, this uses a physical pin and spring mechanism. This provides high pressure for better thermal contact and is more reliable in high-vibration environments.
* **High-Performance Thermal Interface Material (TIM):** Typically, these come pre-applied with a thermal pad or paste to ensure immediate conductivity between the electronic chip and the aluminum base.
* **Blue Anodized Coating:** The surface treatment is not just aesthetic; it increases surface emissivity and provides corrosion resistance.
---
### 3. Applications in Electronics
This specific heatsink is utilized in various electronic assemblies where space is limited but heat dissipation is critical:
1. **Embedded Systems:** Industrial PCs and controllers.
2. **Networking Hardware:** Routers, switches, and high-speed modems.
3. **Power Electronics:** Voltage regulators and power supplies that generate significant localized heat.
4. **Telecommunications:** Transceivers and signal processing units.
---
### 4. Comparison of Airflow Performance
Thermal resistance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | 100 | 200 | 300 | 400 | 500 |
| :--- | :--- | :--- | :--- | :--- | :--- |
| **Resistance (°C/W)** | 10.07 | 3.43 | 2.03 | 1.50 | 1.25 |
- ⤷
How does the 'pushPIN' mounting system compare to standard adhesive thermal tapes?
- ⤷ What are the advantages of 'Blue Anodized' coating in thermal management?
- ⤷ Can this heatsink be used on components smaller than 45mm x 45mm?