ATS-07H-82-C2-R0
AI

The part number **ATS-07H-82-C2-R0** refers to a high-performance **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. Specifically, it belongs to the **maxiFLOW™** series, designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
This component is an "active-ready" passive cooling device. Below are its primary physical and thermal characteristics:
| Property | Value / Description |
| :--- | :--- |
| **Material** | Aluminum (Extruded) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 24.89mm |
| **Thermal Resistance** | 1.57°C/W (at 200 LFM) |
| **Pressure Drop** | 0.15 (at 200 LFM) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **07H**: Series/Profile code.
* **82**: Specific footprint/design ID.
* **C2**: Material and Finish code (C2 usually denotes Blue Anodized Aluminum).
* **R0**: Revision or specific packaging version.
---
### 3. Key Electronic Cooling Features
#### A. The maxiFLOW™ Design
The heat sink features a **flared fin structure**. Unlike traditional straight-fin heat sinks, the fins spread outward. This design increases the surface area and creates more turbulence in the airflow, which significantly enhances the cooling efficiency in constrained spaces.
#### B. pushPIN™ Attachment
This part utilizes the **pushPIN™ attachment mechanism**. Instead of using messy adhesives or simple clips, it uses a set of spring-loaded plastic or brass pins.
* **Uniform Pressure:** Ensures the heat sink is pressed evenly against the electronic chip.
* **Stability:** Prevents the heat sink from shifting during vibration or shipping.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This is a phase-change or high-performance thermal grease that fills the microscopic air gaps between the chip and the aluminum base, ensuring maximum heat transfer.
---
### 4. Ideal Applications
* **Telecommunications:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Cooling MOSFETs or Voltage Regulators.
- ⤷
What is the difference between pushPIN and adhesive mounting for this heat sink?
- ⤷ How does the thermal resistance change at different airflow speeds (LFM)?
- ⤷ Is this heat sink compatible with standard BGA chip sizes?