ATS-07H-85-C3-R0
AI

The **ATS-07H-85-C3-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from surface-mount components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to describe its physical and thermal properties.
| Specification | Detail |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 22.98°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 35mm x 35mm |
| **Height** | 10mm |
| **Weight** | ~0.02 lbs (9.07 grams) |
---
### 2. Design Features
The "85" series features a **Straight Fin** design, which is optimized for airflow in a specific direction.
* **pushPIN™ Attachment:** This model uses a plastic or brass pin with a stainless steel spring. This provides high reliability and consistent pressure on the component (TIM - Thermal Interface Material).
* **Pre-Applied TIM:** These units typically come with a pre-applied high-performance thermal interface material (T-PCM 585) to ensure efficient heat transfer from the chip to the aluminum.
* **Blue Anodized Coating:** This is not just for aesthetics; the anodized layer provides a small amount of electrical insulation and protects the aluminum from corrosion.
---
### 3. Thermal Performance Analysis
Thermal performance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 22.98 |
| 300 (1.5 m/s) | 8.88 |
| 500 (2.5 m/s) | 5.83 |
| 700 (3.5 m/s) | 4.60 |
---
### 4. Part Number Breakdown
The nomenclature `ATS-07H-85-C3-R0` can be decoded as follows:
* **ATS:** Advanced Thermal Solutions.
* **07:** The specific family or footprint size.
* **H:** High-performance series.
* **85:** Specific fin height/configuration.
* **C3:** Material/Finish code (Blue Anodized).
* **R0:** Revision or packaging code.
- ⤷
What are the different types of pushPIN materials available for this heat sink?
- ⤷ How do I calculate if this heat sink is sufficient for a 10W power chip?
- ⤷ Does this model come with different fin types like cross-cut or pin-fin?