Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-08A-29-C2-R0

  • AI
    The **ATS-08A-29-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS) designed for cooling integrated circuits and electronic components. --- ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of this specific part number: | Property | Value / Description | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions** | 45mm x 45mm x 20mm | | **Attachment Method** | Push-Pin (Plastic/Brass) | | **Thermal Resistance** | 7.57°C/W (at 100 LFM) | | **Fin Style** | Straight Fin | --- ### 2. Electronic/Thermal Performance Electronic components generate heat that can lead to thermal throttling or failure. The ATS-08A-29-C2-R0 manages this through: * **Heat Dissipation:** It increases the surface area of the heat source (like a CPU, GPU, or FPGA), allowing ambient air to carry heat away more efficiently. * **Airflow Efficiency:** The straight-fin design is optimized for environments with consistent directional airflow. * **Thermal Interface Material (TIM):** This part usually comes pre-applied with **T766**, a high-performance thermal phase-change material that fills microscopic air gaps between the component and the heat sink. --- ### 3. Part Number Breakdown (Nomenclature) Understanding the "ATS" code helps identify the specific configuration: * **ATS:** Prefix for Advanced Thermal Solutions. * **08:** Indicates the specific series/model family. * **A:** Specific hole pattern/attachment configuration. * **29:** Height indicator (20mm in this case). * **C2:** Refers to the thermal performance grade and material (Aluminum). * **R0:** Revision code / RoHS compliance status. --- ### 4. Implementation in Circuit Design In electronic engineering, this part is used to maintain the **Junction Temperature ($T_j$)** of a semiconductor below its maximum rating. ```python # Simple calculation for Thermal Margin power_dissipation = 10.0 # Watts ambient_temp = 25.0 # Celsius thermal_resistance = 7.57 # C/W (at 100 LFM) case_temp = ambient_temp + (power_dissipation * thermal_resistance) print(f"Estimated Case Temperature: {case_temp}°C") ```
    ✨ Follow-up Questions
    • ⤷What are the recommended push-pin sizes for this heat sink?
    • ⤷ How does the thermal resistance change at higher LFM (Linear Feet per Minute)?
    • ⤷ Is there a copper version of the ATS-08 series available?