ATS-08A-58-C2-R0
AI

The **ATS-08A-58-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "superGRIP" series, designed for cooling electronic components like CPUs, GPUs, and other high-heat integrated circuits.
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | superGRIP (Clip-on) |
| **Thermal Resistance (Flowing Air)** | 10.11°C/W @ 200 LFM |
| **Thermal Resistance (Static Air)** | 2.50°C/W |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 15.00mm |
| **Fin Style** | Straight Fin |
---
### 2. Key Electronic Components & Design
The "electronic" nature of this part refers to its integration into PCBA (Printed Circuit Board Assembly) thermal management systems.
#### A. The Heat Sink Body
The body is constructed from high-grade aluminum. It uses a **Straight Fin** geometry, which is optimized for airflow patterns where the air can move across the fins with minimal obstruction. The blue anodized finish is not just aesthetic; it provides increased surface emissivity and protection against corrosion.
#### B. The superGRIP™ Attachment
Unlike traditional heat sinks that require holes drilled into the PCB, the ATS-08A-58-C2-R0 uses a specialized mechanical attachment:
* **Plastic Frame Clip:** A high-strength plastic frame that attaches to the perimeter of the electronic component.
* **Metal Spring Clip:** A "Horse-shoe" shaped stainless steel spring clip that applies consistent downward pressure (Phase Change Material or Thermal Interface Material interface) to ensure maximum heat transfer.
#### C. Thermal Interface Material (TIM)
Typically, this part comes pre-applied with **chomerics T766** or a similar high-performance thermal phase-change material. This ensures that the microscopic gaps between the electronic chip and the aluminum base are filled, reducing thermal impedance.
---
### 3. Applications
This part is commonly found in the following electronic environments:
1. **Telecommunications:** Cooling high-speed processing chips in routers and switches.
2. **Embedded Systems:** Industrial motherboards where space is limited but heat dissipation is critical.
3. **Power Electronics:** Managing heat for MOSFET arrays or voltage regulators.
- ⤷
What is the advantage of the superGRIP attachment over traditional push-pins?
- ⤷ How does the LFM (Linear Feet per Minute) affect the cooling performance of this heat sink?
- ⤷ Can this heat sink be used with different Thermal Interface Materials (TIM)?