ATS-08A-84-C2-R0
AI

The **ATS-08A-84-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **heat sink** designed for cooling integrated circuits (ICs) and other electronic components.
Below is a detailed breakdown of its specifications and characteristics.
### 1. General Specifications
This part is manufactured by **Advanced Thermal Solutions (ATS)** as part of their "push pin" heat sink series.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Part Number** | ATS-08A-84-C2-R0 |
| **Type** | Board Level Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
---
### 2. Physical Dimensions
The dimensions are critical for ensuring the part fits on the PCB without interfering with neighboring components.
| Dimension | Measurement |
| :--- | :--- |
| **Length/Width** | 30.00mm x 30.00mm |
| **Height (Off Base)** | 25.00mm |
| **Fin Style** | Straight |
| **Weight** | ~12.5 grams |
---
### 3. Thermal Performance
Thermal resistance determines how effectively the heat sink transfers heat from the component to the ambient air. It is measured in degrees Celsius per Watt (°C/W).
| Airflow Rate (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 LFM (1.0 m/s)** | 7.00 |
| **300 LFM (1.5 m/s)** | 5.33 |
| **400 LFM (2.0 m/s)** | 4.48 |
| **500 LFM (2.5 m/s)** | 3.93 |
---
### 4. Key Components & Features
* **Push-Pin Mounting:** This model uses a plastic push-pin with a spring-loaded mechanism. This ensures consistent pressure (clamping force) on the high-heat component for better thermal transfer.
* **Straight Fin Design:** The fins are arranged in a straight-line pattern, making it ideal for systems with directed airflow (unidirectional).
* **Blue Anodized Coating:** The blue finish is not just for aesthetics; it provides surface protection and slightly improves radiation heat transfer.
* **Pre-Applied Thermal Interface Material (TIM):** This specific "R0" variant typically comes with **T766** thermal tape or grease pre-applied to the base to simplify installation.
---
### 5. Application Usage
This part is commonly found in:
* **Network Switches/Routers:** Cooling high-speed processors.
* **Power Supplies:** Managing heat for MOSFETs or voltage regulators.
* **Embedded Systems:** Industrial PCs where space is limited but vertical clearance allows for a 25mm height.
- ⤷
What is the difference between blue anodized and black anodized heat sinks?
- ⤷ How do I calculate if the 7.00 °C/W thermal resistance is sufficient for my chip?
- ⤷ Are there alternative mounting options if push-pins don't fit my PCB layout?