ATS-08A-91-C2-R0
AI

The **ATS-08A-91-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "maxiFLOW™" series, designed to optimize airflow and heat dissipation for electronic components.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Parameter | Details |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 40mm x 40mm x 10mm |
| **Attachment Method** | pushPIN™ (Brass pins) |
| **Thermal Resistance** | 21.97°C/W (Unducted Flow @ 100 LFM) |
| **Fin Style** | Straight (maxiFLOW™) |
| **Thermal Interface Material** | T766 (High Performance) |
---
## 2. Key Electronic Features
### A. maxiFLOW™ Fin Geometry
Unlike standard square-cut fins, the maxiFLOW™ design features a flared fin structure. This increases the surface area exposed to the air and reduces pressure drop, which is critical for cooling densely packed Printed Circuit Boards (PCBs).
### B. pushPIN™ Attachment System
The "R0" at the end of the part number indicates a specific attachment mechanism. It uses a **pushPIN™** system which includes:
* **Compression Springs:** Provides precise pressure on the electronic component (CPU, FPGA, or GPU) to ensure maximum heat transfer.
* **Flexible Mounting:** Compatible with 27 different attachment patterns, making it versatile for various PCB layouts.
### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T766 thermal grease**. This ensures a low thermal resistance path between the semiconductor die and the aluminum sink, preventing air gaps that could lead to overheating.
---
## 3. Application Use Cases
This specific model is typically found in the following electronic environments:
1. **Telecommunications:** Cooling of high-speed network processors.
2. **Embedded Systems:** Used on single-board computers where vertical space is limited (10mm height).
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ How do pushPIN attachments compare to adhesive thermal tapes?
- ⤷ What are the recommended airflow (LFM) levels for optimal cooling with the ATS-08A-91-C2-R0?