ATS-08B-01-C1-R0
AI

The **ATS-08B-01-C1-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed by Advanced Thermal Solutions (ATS). It is part of the "push pin" series, designed for easy mounting on Printed Circuit Boards (PCBs).
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Number** | ATS-08B-01-C1-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 18.26°C/W (at 100 LFM) |
| **Fin Style** | Straight (Square) |
---
### Key Components & Design Features
#### 1. Heat Sink Geometry
The device features a square footprint measuring **40mm x 40mm** with a low-profile height of **10mm**. The straight-fin design is optimized for environments where airflow is unidirectional, allowing heat to dissipate efficiently from the electronic component (CPU, GPU, or MOSFET) into the surrounding air.
#### 2. Attachment Mechanism (Push-Pin)
Unlike adhesive-based heatsinks, the `ATS-08B-01-C1-R0` utilizes a **plastic push-pin** and a **compression spring**. This provides several advantages:
* **Constant Pressure:** Ensures consistent thermal interface material (TIM) contact.
* **Durability:** Better mechanical stability during shock and vibration.
* **Removability:** Can be uninstalled without damaging the chip or PCB.
#### 3. Material and Coating
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodization:** This is not just for aesthetics; the anodized layer provides increased surface emissivity and protects the aluminum from corrosion.
#### 4. Thermal Interface Material (TIM)
This specific part number typically comes with **ATS-PPS-08** or similar pre-applied thermal tape or interface material. This fills the microscopic air gaps between the heatsink base and the electronic component to maximize heat transfer.
---
### Application Usage
This part is commonly found in:
* **Telecommunications:** Cooling of high-speed processors.
* **Industrial PCs:** Maintaining stability in fan-less or restricted airflow chassis.
* **Embedded Systems:** Protecting microcontrollers from thermal throttling.
- ⤷What is the difference between the C1 and C2 variants of this heatsink?
- ⤷ How do I calculate the required airflow (LFM) for this specific thermal resistance?
- ⤷ Can this heatsink be used with custom spring-screw mounts instead of push-pins?