ATS-08B-112-C2-R1
AI

The **ATS-08B-112-C2-R1** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series designed for thermal management of electronic components like CPUs, GPUs, and other high-power ICs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Property | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Unducted)** | 2.63 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 1.58 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 25.00mm |
| **Pitch** | COARSE-PITCH |
---
### 2. Key Features and Components
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, this uses a mechanical push-pin system with a brass or plastic pin and a stainless steel spring. This provides consistent pressure for optimal heat transfer.
* **Pre-Applied Thermal Interface Material (TIM):** This part usually comes with **T766** thermal pad or paste pre-applied to the base, ensuring immediate readiness for installation.
* **Fin Design:** It features a "Coarse-Pitch" fin pattern. This is optimized for airflow conditions where air is forced through the fins via a fan or system chassis airflow.
* **Blue Anodized Coating:** The surface is chemically treated for corrosion resistance and improved emissivity.
---
### 3. Usage Context
This component is typically found in:
1. **Telecommunications:** Cooling of high-speed processors in switches and routers.
2. **Embedded Systems:** Industrial PCs where mechanical stability (vibration resistance) is required.
3. **Power Electronics:** Managing heat for voltage regulators and power modules.
---
### 4. Dimensional Diagram (Reference)
The hole pattern is critical for PCB layout:
* **A (Length):** 35.00 mm
* **B (Width):** 35.00 mm
* **C (Height):** 25.00 mm
* **E (Hole Spacing):** 40.00 mm
* **F (Hole Spacing):** 40.00 mm
---
- ⤷How does the pushPIN™ system compare to adhesive thermal tapes?
- ⤷ What is the importance of 'Ducted' vs 'Unducted' thermal resistance?
- ⤷ Are there plastic pin alternatives for this specific heat sink?