ATS-08B-121-C2-R0
AI

The **ATS-08B-121-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits on a PCB.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic/Brass) |
| **Thermal Resistance** | 9.48°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 10.00mm |
| **Fin Style** | Straight Fin |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Electronic & Mechanical Components
#### A. Fin Design (Heat Dissipation)
The heat sink features a **straight fin** profile. In electronics, this design is optimized for unidirectional airflow. The 10mm height makes it a "low profile" solution, ideal for slim electronic enclosures or server blades where vertical space is limited.
#### B. Push Pin Attachment
This part uses a mechanical push pin system rather than adhesive or screws.
- **Benefits:** Provides consistent pressure (clamping force) across the electronic chip, which improves heat transfer.
- **Components:** Usually consists of a flexible spring and a plastic/brass pin that snaps into pre-drilled holes in the PCB.
#### C. Thermal Interface Material (TIM)
The model comes with **T766** pre-applied to the base.
- **Function:** This is a phase-change or grease-like material that fills microscopic air gaps between the heat sink and the electronic component.
- **Importance:** Without this, the air pockets would act as insulators, causing the electronic part to overheat.
---
### 3. Usage Context
This component is typically found in the following electronic applications:
1. **Telecommunications:** Cooling ASICs in routers and switches.
2. **Embedded Systems:** Industrial PCs where high reliability is required.
3. **Power Electronics:** Managing heat for large voltage regulators or transistors.
---
### 4. Thermal Performance Table
Thermal resistance (expressed in °C/W) varies based on the airflow velocity (LFM - Linear Feet per Minute):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural/Low) | 9.48 |
| 200 | 5.04 |
| 300 | 4.02 |
| 400 | 3.48 |
- ⤷
What are the PCB hole requirements for the push-pin mounting of this heat sink?
- ⤷ How does the blue anodized finish affect the electronic performance or durability?
- ⤷ Is the T766 thermal interface material conductive or capacitive?