ATS-08B-142-C3-R0
AI

## Electronic Specifications: ATS-08B-142-C3-R0
The **ATS-08B-142-C3-R0** is a high-performance **Heat Sink** assembly designed for cooling electronic components, specifically integrated circuits (ICs) like CPUs, GPUs, or FPGAs. It belongs to the *maxiFLOW™* series by Advanced Thermal Solutions (ATS).
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-08B-142-C3-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 15.00mm |
| **Thermal Resistance** | 4.92°C/W (@ 200 LFM) |
| **Pressure Requirement** | 0.95 psi |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### 2. Component Design & Features
The "electronic" functionality of this part is purely **passive thermal management**. Its effectiveness is determined by its geometry and material properties:
* **maxiFLOW™ Fin Geometry:** The fins are designed to increase surface area while minimizing pressure drop, allowing for efficient heat dissipation even in restricted airflow environments.
* **pushPIN™ Attachment:** This system uses a brass component and a stainless steel spring to provide a specific, consistent pressure against the chip. This ensures the best possible contact between the die and the heat sink.
* **Blue Anodized Coating:** The finish is not just aesthetic; it provides corrosion resistance and increased surface emissivity, slightly improving radiant heat transfer.
* **T412 TIM:** This is a phase-change thermal interface material. When the component heats up, the TIM softens to fill microscopic air gaps between the chip surface and the heat sink base, significantly reducing thermal resistance.
### 3. Application Use Cases
This specific heat sink is typically used for:
1. **Network Switches/Routers:** Cooling high-speed processing chips.
2. **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
3. **Embedded Systems:** Managing thermals in compact industrial PCs where space (30mm x 30mm) is limited.
---
- ⤷
What is the thermal resistance at higher airflow speeds like 500 LFM?
- ⤷ How does the T412 TIM compare to standard thermal grease?
- ⤷ Is this heat sink compatible with custom PCB hole patterns?