ATS-08B-147-C3-R0
AI

The **ATS-08B-147-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, and power transistors.
---
### Technical Specifications
The table below breaks down the physical and thermal properties of the device:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Style** | Straight (optimized for airflow) |
| **Attachment Type** | Push-Pin |
| **Thermal Resistance** | 13.65°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 10mm |
| **Weight** | ~0.02 lbs (approx. 9 grams) |
---
### Key Components & Design Features
#### 1. Push-Pin Attachment Mechanism
The "08B" designation refers to the specific attachment method. This model uses a **spring-loaded push-pin** system.
* **Benefits:** Ensures constant pressure on the electronic component (TIM - Thermal Interface Material) for better heat transfer.
* **Installation:** Requires pre-drilled holes in the PCB.
#### 2. Material and Coating
* **Aluminum:** Lightweight with high thermal conductivity.
* **Blue Anodized Finish:** Not only provides aesthetic value but also increases corrosion resistance and surface emissivity, aiding in radiant heat transfer.
#### 3. Fin Geometry (The Heat Exchange Surface)
This heat sink uses a **Straight Fin** design.
* **Airflow Direction:** Works best in systems with a defined linear airflow (forced convection).
* **Low Profile:** At only 10mm high, it is designed for space-constrained electronic enclosures where vertical clearance is limited.
---
### Application in Electronics
This part is commonly used for cooling:
* **Integrated Circuits (ICs):** Specifically high-speed processors or FPGAs.
* **Power Supplies:** Regulating heat for MOSFETs or voltage regulators.
* **Network Equipment:** Used on chips inside routers and switches.
- ⤷
What are the alternative attachment methods for heat sinks besides push-pins?
- ⤷ How do I calculate if the 13.65°C/W thermal resistance is sufficient for my chip?
- ⤷ Is there a version of this heat sink with a different height or fin style?