ATS-08B-156-C2-R0
AI

The **ATS-08B-156-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Fin Type** | XCUT (Cross-cut) |
| **Thermal Resistance** | 4.14°C/W (at 100 LFM) |
| **Flow Orientation** | Omnidirectional |
---
## 2. Key Electronic Components & Design
The "electronic" functionality of this part is passive, but its design is engineered for specific electronic cooling environments:
### A. The XCUT Fin Pattern
Unlike straight-fin heat sinks, the XCUT pattern features cross-cut gaps. This is critical for electronics with **low-airflow or variable airflow directions**, as it allows air to enter and exit from multiple angles, increasing the surface area for heat exchange.
### B. pushPIN™ Attachment System
The "R0" suffix often refers to the specific attachment kit. This uses a flexible, spring-loaded mechanism that:
* Ensures consistent **interface pressure** on the processor.
* Prevents damage to the delicate PCB (Printed Circuit Board).
* Accommodates different PCB thicknesses via variable spring tensions.
### C. Thermal Interface Material (TIM)
The "C2" in the part number typically denotes that the heat sink comes pre-applied with a **T766 phase-change thermal interface material** or a high-performance thermal grease. This eliminates the microscopic air gaps between the chip and the aluminum, ensuring maximum heat transfer.
---
## 3. Applications in Electronics
This specific size (40x40mm) is commonly used for cooling the following electronic parts:
1. **BGA Packages:** High-speed Ball Grid Array chips.
2. **FPGAs/CPUs:** Mid-range Field Programmable Gate Arrays or embedded processors.
3. **Power Supplies:** Cooling MOSFETs or power conversion modules.
4. **Network Switches:** Used on specialized ASICs within telecommunications hardware.
---
- ⤷
What is the difference between XCUT and straight-fin heat sinks in terms of performance?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ What are the specific mounting hole requirements for the pushPIN system?