ATS-08B-157-C2-R0
AI

The **ATS-08B-157-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal properties:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Heat Sink Type** | Aluminum Fin (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimension (L x W)** | 40mm x 40mm |
| **Height (H)** | 20mm |
| **Fin Pattern** | XC-Cut (Cross-cut) |
| **Thermal Resistance** | 3.35°C/W (at 200 LFM) |
---
### 2. Physical Design Features
* **XC-Cut Fin Profile:** The fins are designed with a cross-cut pattern. This allows for multi-directional airflow, making the heat sink effective regardless of which direction the fan is blowing.
* **Material:** It is made from high-grade **Aluminum**, which provides a balance between lightweight design and high thermal conductivity.
* **Finish:** The **Blue Anodized** finish is not just aesthetic; it protects the aluminum from corrosion and slightly improves radiant heat transfer.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied, which is a high-performance thermal pad/grease that fills microscopic air gaps between the chip and the heat sink.
---
### 3. Attachment Mechanism
The **"pushPIN™"** system is a key electronic assembly feature:
1. **Hardware:** It uses plastic push-pins and a tension spring.
2. **Mounting:** It requires pre-drilled holes on the Printed Circuit Board (PCB).
3. **Benefit:** The springs ensure consistent pressure across the component, preventing damage while maintaining maximum thermal contact.
---
### 4. Thermal Performance Comparison
Thermal resistance indicates how well the part moves heat away from the electronics. Lower values are better.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 7.18 |
| 300 (1.5 m/s) | 2.40 |
| 500 (2.5 m/s) | 1.92 |
- ⤷
What are the PCB hole requirements for the push-pin mounting?
- ⤷ Does this heat sink come with pre-applied thermal interface material?
- ⤷ What is the weight of the ATS-08B-157-C2-R0?