ATS-08B-17-C2-R0
AI

The **ATS-08B-17-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
### 1. Technical Specifications
The following table highlights the critical physical and thermal properties of this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 36.83mm x 36.83mm |
| **Height** | 14.48mm |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 15.44°C/W (Unducted Flow @ 100 LFM) |
| **Airflow Pattern** | maxiFLOW (Tapered Fin Design) |
---
### 2. Key Features and Components
#### A. Fin Design (maxiFLOW™)
The "maxiFLOW" geometry features a spread-fin design. Unlike standard straight-fin heat sinks, these fins are tapered to maximize surface area while maintaining a low pressure drop. This increases the efficiency of convective heat transfer from the component to the surrounding air.
#### B. Attachment System (pushPIN™)
The part uses the **pushPIN™ attachment mechanism**, which includes:
* **Flexible Springs:** Provide precise pressure (Pre-assembled).
* **Plastic/Brass Push Pins:** Ensure secure attachment to the PCB through pre-drilled holes.
* **Ease of Assembly:** Designed for quick installation without complex tools.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically denotes that the heat sink comes with a pre-applied **Thermal Interface Material**. This material fills microscopic air gaps between the heat sink base and the electronic component, significantly reducing thermal resistance at the contact point.
---
### 3. Applications
This specific heat sink is commonly used in:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Embedded Systems:** Protecting processors in industrial computers.
3. **Power Electronics:** Managing heat in voltage regulators and power modules.
- ⤷
How do I calculate the required airflow for this heat sink?
- ⤷ What is the difference between 'Ducted' and 'Unducted' thermal resistance?
- ⤷ What are the compatible PCB hole patterns for the pushPIN system?