Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-08B-182-C1-R0

  • AI
    The **ATS-08B-182-C1-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed for cooling electronic components such as CPUs, GPUs, or high-speed chipsets on a Printed Circuit Board (PCB). --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of this part: | Characteristic | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) | | **Base Part Number** | ATS-08B-182-C1-R0 | | **Dimensions** | 40mm x 40mm x 15mm | | **Material** | Aluminum (Blue Anodized) | | **Fin Type** | Fine Pitch (straight fins) | | **Attachment Method** | Push-Pin (with springs) | | **Thermal Interface** | T766 (Pre-applied Phase Change Material) | --- ### 2. Breakdown of Component Features #### A. The Heat Sink Geometry The "182" series features a specific fin profile designed to maximize surface area while allowing for low-pressure drop. This is crucial in systems where airflow (forced convection) is provided by a system fan. #### B. Attachment Mechanism: Push-Pins Unlike adhesive tapes or clips, this model uses **brass push-pins with steel springs**. * **Purpose:** Provides a consistent, high-pressure contact between the heat sink and the chip. * **Benefit:** Improves thermal transfer efficiency and ensures the heat sink remains secure during shipping or vibration. #### C. Thermal Interface Material (TIM) The part comes with **T766** pre-applied to the base. * **What it is:** A Phase Change Material (PCM). * **Function:** It fills the microscopic air gaps between the chip surface and the aluminum base. When the component heats up, the material softens to create a low-resistance thermal path. #### D. Material and Finish * **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties. * **Blue Anodized Finish:** Provides corrosion resistance and a slight increase in emissivity for radiative cooling. --- ### 3. Usage Context This part is typically used in the following environments: * **Telecommunications:** Cooling ASICs in switches and routers. * **Embedded Systems:** For industrial PCs where space is limited but heat generation is high. * **Power Electronics:** Dissipating heat from MOSFET arrays or voltage regulators. ---
    ✨ Follow-up Questions
    • ⤷ How does the thermal resistance of this heat sink change with airflow speed?
    • ⤷ What is the recommended hole pattern on the PCB for the push-pin mounting?
    • ⤷ Can the T766 thermal material be replaced with standard thermal paste?