ATS-08B-185-C2-R0
AI

The **ATS-08B-185-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed for cooling electronic components such as CPUs, GPUs, or power transistors.
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-08B-185-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40.00 mm x 40.00 mm x 30.00 mm |
| **Attachment Type** | pushPIN™ (Spring Loaded) |
| **Thermal Resistance** | 2.49 °C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (High performance pre-applied) |
---
### Core Electronic & Mechanical Features
#### 1. Thermal Management
The primary purpose of this part is to dissipate heat from surface-mount electronic devices. It utilizes a **cross-cut fin pattern**, which allows for multi-directional airflow, making it effective in systems where the direction of the cooling fan may vary.
#### 2. Attachment Mechanism (pushPIN™)
Unlike adhesive-based heat sinks, this uses a mechanical attachment system:
* **Compression Springs:** Ensure a consistent and precise pressure is applied to the component, maximizing thermal transfer without crushing the silicon.
* **Plastic/Brass Push Pins:** Designed to snap into pre-drilled holes (3.175mm) on the Printed Circuit Board (PCB).
#### 3. Thermal Interface Material (TIM)
The "C2" in the part number indicates it comes with **T766** pre-applied. This is a high-conductivity material that fills the microscopic air gaps between the component surface and the heat sink base.
### Performance Data (Thermal Resistance)
The efficiency of the heat sink depends on the velocity of the air moving through the fins:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 2.49 |
| 300 (1.5 m/s) | 1.48 |
| 500 (2.5 m/s) | 1.18 |
---
### Comparison with Similar Models
* **Height Variation:** The "185" in the part number signifies the specific height and fin configuration. Lower profile versions are available for slim-line server racks.
* **Anodization:** The Blue Anodized finish isn't just for aesthetics; it provides surface protection and slightly increases emissivity compared to bare aluminum.
- ⤷
What are the PCB hole requirements for the pushPIN attachment?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the T766?
- ⤷ How does 'cross-cut' fin geometry compare to 'straight fin' geometry in terms of performance?