ATS-08B-186-C2-R0
AI

The **ATS-08B-186-C2-R0** is a high-performance electronic thermal management component, specifically an aluminum heatsink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed for efficient cooling of semiconductors and integrated circuits (ICs).
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Here is the breakdown:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 2.80°C/W (at 100 LFM) |
| **Dimensions (L x W)** | 40.00 mm x 40.00 mm |
| **Height** | 25.00 mm |
| **Attachment Method** | pushPIN™ (Spring-loaded plastic pins) |
| **Pitch (Fins)** | Fine Pitch (Cross-cut design) |
---
### 2. Key Components & Design
#### A. The Fin Design
The **C2** in the part number indicates a specific cross-cut fin pattern. This design allows for:
* **Multidirectional Airflow:** Unlike straight-fin heatsinks, cross-cut fins can accept airflow from any direction, making it ideal for crowded PCB layouts.
* **Increased Surface Area:** Maximizes heat dissipation without significantly increasing the footprint.
#### B. The pushPIN™ Attachment System
This part uses a proprietary mechanical attachment system rather than thermal adhesive. It consists of:
* **Brass/Plastic Pins:** Used to secure the heatsink through pre-drilled holes in the PCB.
* **Compression Springs:** These ensure constant, even pressure (Force) between the heatsink base and the electronic component, which is critical for thermal transfer.
#### C. Thermal Interface Material (TIM)
The **R0** suffix indicates that the heatsink comes pre-applied with a high-performance **Thermal Interface Material**. This fills the microscopic air gaps between the chip and the aluminum base to reduce thermal resistance.
---
### 3. Usage Context
This component is typically used in the following electronic sectors:
1. **Telecommunications:** Cooling high-speed processors in routers or switches.
2. **Embedded Systems:** Protecting SoCs (System on a Chip) from overheating.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
---
### 4. Thermal Performance Comparison
*Performance varies based on airflow speed (LFM - Linear Feet per Minute):*
| Airflow Speed (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 2.80 |
| 300 (1.5 m/s) | 1.76 |
| 500 (2.5 m/s) | 1.41 |
- ⤷
How do I calculate the required hole pattern for the pushPIN attachment?
- ⤷ What is the difference between the C1 and C2 versions of this heatsink?
- ⤷ Can this heatsink be used with a custom thermal pad instead of the pre-applied TIM?