ATS-08B-191-C2-R0
AI

The **ATS-08B-191-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 30mm |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 1.32°C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design and Construction
The heat sink features a **Cross-Cut** fin design, which is critical for maximizing surface area and allowing multi-directional airflow.
* **Heat Sink Material:** High-grade aluminum provides a balance between weight and thermal conductivity.
* **Fin Style:** The straight fins are cross-cut into rectangular blocks. This is ideal for systems where the airflow direction might vary or where turbulent air is present.
* **Attachment:** It uses a push-pin mechanism with a brass pin and a stainless steel spring. This ensures a consistent downward pressure (clamping force) onto the chip for better heat transfer.
---
### 3. Thermal Performance Indicators
The efficiency of the ATS-08B-191-C2-R0 is measured by its thermal resistance (lower is better). Its performance varies based on the Air Velocity (LFM - Linear Feet per Minute):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 | 1.32 |
| 300 | 0.88 |
| 400 | 0.73 |
| 500 | 0.63 |
---
### 4. Key Application Notes
* **Thermal Interface:** The unit comes with **T766** pre-applied. This is a high-performance phase-change material that fills the microscopic gaps between the heat sink and the component.
* **Mounting Hole Pattern:** This heat sink requires specific PCB holes for the push-pins. The spacing is typically standardized for specific chip footprints (e.g., BGA packages).
* **Compliance:** It is **RoHS** (Restriction of Hazardous Substances) compliant.
- ⤷What is the required PCB hole diameter for the ATS push-pin mounting system?
- ⤷ How does the T766 thermal material compare to standard thermal grease?
- ⤷ Can this heat sink be used for passive cooling without a fan?