ATS-08B-26-C2-R0
AI

The **ATS-08B-26-C2-R0** is a high-performance electronic thermal management component. Specifically, it is an **Advanced Thermal Solutions (ATS)** push-pin heat sink designed for cooling integrated circuits (ICs) and other electronic components.
Below is a detailed breakdown of its electronic and mechanical specifications.
### 1. General Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Number** | ATS-08B-26-C2-R0 |
| **Type** | Heat Sink (Top Mount) |
| **Attachment Method** | Push-Pin (Brass) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
---
### 2. Thermal Performance
Thermal resistance is critical in electronics to ensure the junction temperature of a chip does not exceed its safety limits.
| Air Flow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) - Unducted |
| :--- | :--- | :--- |
| 100 | 0.5 | 14.20 |
| 300 | 1.5 | 3.95 |
| 500 | 2.5 | 2.50 |
| 700 | 3.5 | 1.90 |
---
### 3. Physical Dimensions
Precision sizing is required to ensure compatibility with PCB layouts and surrounding electronic components.
* **Length (A):** 40.00 mm
* **Width (B):** 40.00 mm
* **Height (C):** 10.00 mm
* **Pitch (E):** 33.00 mm (Distance between mounting holes)
* **Fin Pattern:** Square Pin (maximizes surface area for omnidirectional airflow)
---
### 4. Key Electronic Integration Features
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. This is a phase-change material that fills microscopic air gaps between the heat sink and the electronic chip to improve heat transfer.
* **Push-Pin Mounting:** Uses a spring-loaded brass push-pin mechanism. This provides consistent pressure (load) on the electronic package, which is vital for maintaining thermal contact without cracking the silicon die.
* **EMI/RFI Neutral:** Being made of aluminum, it does not inherently interfere with high-frequency signals, though its physical presence must be accounted for in RF layout designs.
* **RoHS Compliant:** Meets environmental standards for electronic assembly, being free from lead and other hazardous substances.
---
### 5. Common Applications
* **BGA Cooling:** Ball Grid Array processors.
* **ASICs/FPGAs:** High-speed logic gates that generate significant heat.
* **Power Supplies:** Cooling voltage regulators or power transistors.
* **Telecommunications:** Network switches and routers.
- ⤷
What is the difference between unducted and ducted thermal resistance for this part?
- ⤷ How do I calculate if the 10mm height fits my PCB enclosure?
- ⤷ Does the blue anodized finish provide electrical insulation?