ATS-08B-45-C3-R0
AI

The **ATS-08B-45-C3-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, engineered for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimension (Length x Width)** | 25mm x 25mm |
| **Height (from Base)** | 20mm |
| **Fin Pattern** | Square-Finned (Cross-cut) |
| **Thermal Resistance (Unducted)** | 15.19 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 3.00 °C/W @ 100 LFM |
---
### 2. Component Features
* **Thermal Interface Material (TIM):** This specific model (C3) typically comes with **T412** phase-change material or high-performance grease pre-applied to the base to ensure maximum heat transfer from the chip to the aluminum fins.
* **PushPIN™ Mounting:** It utilizes a brass push-pin mechanism with a stainless steel spring. This provides consistent pressure (load) on the processor, which improves thermal contact and prevents the heatsink from shifting during vibration or shipping.
* **High-Efficiency Fin Design:** The "cross-cut" or square-fin geometry allows for air to flow from any direction (omnidirectional), making it ideal for compact PCB layouts where airflow direction might be inconsistent.
---
### 3. Part Number Breakdown (Nomenclature)
To understand what each segment of **ATS-08B-45-C3-R0** means:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **08** | Series Identifier |
| **B** | Component Material/Type |
| **45** | Specific design/dimensions code |
| **C3** | Thermal Interface Material (TIM) & Finish code |
| **R0** | Revision/Packaging code |
---
### 4. Typical Applications
This heatsink is generally found in:
1. **Telecommunications:** Cooling small chips in routers or switches.
2. **Embedded Systems:** Industrial PCs where space is limited.
3. **Power Supplies:** Cooling MOSFETs or small voltage regulators.
4. **Consumer Electronics:** High-speed processing units that require a small footprint but high vertical dissipation.
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ Are there alternative mounting options if push-pins don't fit my PCB?
- ⤷ How does the blue anodized finish affect the thermal performance compared to bare aluminum?