ATS-08B-49-C3-R0
AI

The **ATS-08B-49-C3-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance **Heat Sink** designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits.
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal properties:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 30.00 mm x 30.00 mm |
| **Height** | 20.00 mm |
| **Pitch** | Fine Pitch (High density) |
| **Thermal Resistance** | Approx. 11.88 °C/W (Unducted flow @ 100 LFM) |
---
### 2. Key Features & Construction
This component is designed to maximize surface area for heat dissipation while maintaining a compact footprint.
* **Fin Design:** It utilizes a "cross-cut" or "mini-fan" fin pattern. This allows for multi-directional airflow, making it effective in systems where the direction of the cooling fan may vary.
* **Push-Pin Attachment:** The part includes a pre-assembled push-pin and spring mechanism. This ensures:
* Consistent pressure across the thermal interface material (TIM).
* Secure mounting without the need for specialized tools.
* **Thermal Interface Material (TIM):** Most "C3" variants come with a pre-applied high-performance thermal pad (T766 or similar) to improve heat transfer between the chip and the aluminum base.
---
### 3. Part Number Breakdown (Nomenclature)
Understanding the code helps in identifying the specific version:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer Prefix (Advanced Thermal Solutions) |
| **08** | Attachment style/Series identifier |
| **B** | Material Code (Aluminum) |
| **49** | Dimension/Design sequence |
| **C3** | Thermal Interface Material (TIM) and Performance grade |
| **R0** | Revision/Packaging code |
---
### 4. Applications
This heat sink is typically found in:
1. **Networking Hardware:** Switches, routers, and modems.
2. **Industrial PCs:** Small form-factor computers that require passive or active cooling.
3. **Embedded Systems:** Microcontrollers and SoCs that generate localized heat.
- ⤷
What are the alternative mounting options if push-pins cannot be used?
- ⤷ How does 'Blue Anodized' finish affect the thermal performance compared to bare aluminum?
- ⤷ What is the recommended airflow (LFM) for optimal performance of this specific heat sink?