Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-08B-51-C2-R0

  • AI
    The **ATS-08B-51-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from integrated circuits like CPUs, GPUs, or FPGAs. --- ### 1. Technical Specifications Below is the technical breakdown of the component based on its part number: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum (with Blue Anodized Finish) | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Heat Sink Type** | maxiFLOW | | **Dimensions (L x W)** | 15.00mm x 15.00mm | | **Height** | 20.00mm | | **Pitch** | Fine Pitch | | **Thermal Resistance** | 6.69°C/W (at 200 LFM) | | **Thermal Interface** | T766 (Pre-applied Phase Change Material) | --- ### 2. Physical Design Features The "electronic" performance of this part is derived from its mechanical geometry, which is optimized for high-density PCBs: * **Finned Geometry:** It uses a high-aspect-ratio fin design that increases the surface area for convection without significantly increasing the footprint. * **pushPIN™ Attachment:** The "R0" suffix often refers to the specific attachment kit. This system uses a flexible, spring-loaded pin that provides precise pressure on the electronic chip, ensuring optimal thermal contact without damaging the PCB. * **Blue Anodized Coating:** This is not just aesthetic; the anodization increases surface emissivity and provides a layer of electrical insulation/corrosion resistance. --- ### 3. Decoding the Part Number The part number follows a specific nomenclature used by Advanced Thermal Solutions: | Segment | Meaning | | :--- | :--- | | **ATS** | Advanced Thermal Solutions (Manufacturer) | | **08** | Attachment specific code (often related to pin spacing) | | **B** | Performance/Series indicator | | **51** | Dimensional code (15mm footprint) | | **C2** | Thermal Interface Material (TIM) code (T766) | | **R0** | Revision/Packaging/Attachment variation | --- ### 4. Application Use Cases This heat sink is typically used in the following electronic environments: * **Telecommunications:** High-speed routers and switches. * **Embedded Systems:** Industrial PCs where space is limited but heat generation is high. * **Power Supplies:** Cooling voltage regulators or power transistors.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the T766 thermal interface material used in this part?
    • ⤷ How do I calculate the airflow required for a 6.69°C/W thermal resistance?
    • ⤷ Are there alternative mounting options if pushPIN is not compatible with my PCB?